|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
this recorder can record a maximum of 12 channels of dc voltage, ma, thermocouples and resistance bulbs. the adoption of an ink jet system makes it possible to record measured data in analog trace mode or to print in digital mode at a high speed. this 180mm-wide recorder performs recording clearly in 6 different colors. 1. compact size compact and lightweight design, 199mm in depth and about 6kg in mass{weight}. 2. high quality recording ? ink jet system is used for recording and printing measured data in 6 different colors at a high speed. operating noise is minimized. ? six and twelve continuous traces without pen offset are possible with this compact size of recorder; a unique recording system is used for the first time in the industry. ? scale of each channel is printed on chart paper, elimi- nating the need for scales. 3. easy setting of input signals dc voltage input (5mv span, 50v max.), 12 kinds of thermocouples (type b, r, s, k, e, j, t, n, w, l, u, pn) and resistance bulbs (pt100) can be set for each chan - nel. 4. digital printing beside the analog recording of measured data, digital printing is also available (periodic printing, list printing, alarm printing, daily report printing, message printing). ? periodic data printing: channel no., date, time, unit, chart speed, measured value ? list printing: date, time, unit, recording range, scal - ing value, alarm set value, chart speed, tag no. ? alarm printing: channel no., alarm type, on/off time, output relay no. ? daily report and totalized data printing: printing of maximum, minimum, average and total of data measured during maximum 24 hours ? message printing : 10 messages, 16-character user- entered messages 5. interactive key operation fluorescent indicator is used to clearly indicate alpha - numeric characters and symbols. input mode, recording range, alarm value, chart speed, etc., can be set according to the comments indicated by the display and operating keys. no bothersome op - eration is required. 6. easy handling ? a cartridge type recording device is used for easy replacement. ? chart paper can be loaded without drawing out the internal unit of the recorder. ? shortage of ink is detected in early stages and an alarm is given to the operator. ? the end of chart paper is detected and indicated on the front panel display. ? shortage of ink and the end of chart paper alarm output is possible. 7. full variety of functions ? alarm relay output/external control (record start/ stop, chart speed change, data printing, message printing). this unit can easily be connected to the recorder by user (option). ? chart paper illumination lamp (option): the result of printing can be checked even in lower light. ? burnout function is provided as a standard. ? various recording: enlarged/reduced recording, auto-range recording, zone recording. ? calculation: square root extraction, subtraction, en - gineering unit conversion, logarithm. ? language: selectable 3 languages in display and printing. ? passcode security is configurable. ? the message print and alarm print function are op - erational, even when the recording mode is off. ? all parameters of recording format, daily report, totalize, message and periodic data printing can be printed cut. features data sheet microjet recorder (180mm) pha EDSX10-60M nov. 24, 2011 date
2 pha chart speeds: continuous recording type 5 to 300 mm/h, continuous recording 301 to 1500 mm/h, intermittent re - cording intermitter recording type 5 to 1500 mm/h each can be set in 1 mm/h steps. recording cycle: intermitter recording30sec/all points continuous recordingdepends on chart speed. 3 power supply terminal - ground 2000v ac, 1 minute input terminal - ground 500v ac, 1 minute power terminal - input terminal 500v ac, 1 minute between alarm terminals 750v ac, 1 minute ( leakage current 5ma or less, how - ever, if the power supply is 24v dc, leakage current of power supply terminal - ground is 10ma or less) reference junction compensation accuracy: k, e, j, t, n, l, u, pn ..... ....... 0.5c (in case of minus input measurement: 1.2c) r, s, b, w ............................. 1c (in case of minus input measurement: 2.4c) common mode noise rejection: 120db at 50, 60hz 0.1hz series mode noise rejection: 30db at 50, 60hz 0.1hz physical data mounting: panel (may be inclined up to 30 back - wards from the vertical.) material: case...steel plate front door framepolycarbonate with glass wool mass{weight}: approx. 6 kg (without option) approx. 7 kg (with option) case size: bezel 288x288mm depth 199mm cutout 281x281mm finish color: caseblack, front door frameblack external terminals: screw terminal (m4 screw) power requirement 1) supply voltage 100 to 240v ac products (9digit of code symbol = e) ? power supply voltage: 100v (-15%) to 240v (+10%) ac (free power supply) ? supply frequency: 50/60hz both employable ? power consumption: 100v ac with all options approxi - mately 37va 240v ac with all options approxi - mately 56va 2) supply voltage 24v dc products (9digit of code sym - bol = l) ? power supply voltage: 24v (10%) dc ? power consumption: 26.4v dc with all options 37va or less =90 to 60 printing system writing system: ink jet system, 6 colors periodic data printing: measured value, unit, date, time, time line, chart speed, channel no. list printing: (1) measured value list (date, time, channel no., mea - sured value, unit) (2) parameter list (date, time, channel no., recording range, scaling, unit, alarm set value, chart speed, tag no.) (3) test pattern (all characters and color patterns) message printing: 1 0 m e s s a g e s , 1 6 - c h a r a c t e r u s e r- entered messages. alarm printing: channel no., alarm type (h, l, rh, rl), output relay no., on/off time burnout printing: burnout channel no. and time other: ink shortage message, automatic range selection mark, recording start mark, chart speed change mark note: printing is not available for more than 301 mm/h (continuous recording), or more than 51 mm/h (intermittent recording). performance and characteristics accuracy and resolution: performance under reference condition (232c, 6510%rh, power voltage and frequency variation 1%, warm-up time 30 minutes or more, vertical mounting, free from the effect of external noise) indication (digital) recording accuracy accuracy thermo- b 0.1 c couple r 0.1 c s 0.1 c k 0.1 c e 0.1 c j 0.1 c t 0.1 c n 0.1 c w 0.1 c l 0.1 c u 0.1 c pn 0.1 c resist- ance pt100 bulb dc C 50 to +50mv (0.15% 10 v voltage C 500 to +500mv +1 digit) 100 v C 5 to 5v 1mv C 50 to 50v 10mv note: indication accuracy is in % of reference range. indication accuracy of b type tc is (0.36%+1digit) between 400 c to 600 c. indication accuracy of all type tc is (0.36%+1digit) between C 200 c to C 100 c. input resistance: thermocouple:>10m 50mv range: >10m 500mv range: >100k 5v and 50v range: >1m chart speed accuracy: 0.1% (expansion and contraction of paper is not included) clock accuracy: 50ppm or less (monthly error; about 2 minutes) insulation resistance: 100m or more (between each termi - nal and earth, at 500v dc) withstand voltage: input terminal - input terminal 500v ac, 1 minute reso- lution input (0.15% +1 digit) (without reference junction compen - sation error) 0.1 c (0.15% +1 digit) reso- lution 0.1mm mini - mum indication accuracy, 0.25% of record- ing span 4 pha operating environment (for devices to operate continuously) temperature limits: 0 to 50c humidity limits: 20 to 80%rh, non condensing is re - quired (temperature x humidity<3200) vibration: 10 to 60hz, 0.2m/s 2 {0.02g} or less mounting position: front inclination 0, rear inclination 30, left/right inclination 0 signal source resistance: thermocouple input1k or less voltage inputless than 0.1% of in - put resistance resistance bulb inputless than 10 per line (resistance of each wire of 3-wire system should be balanced with others.) warm-up time: 30 min or more shock: no external shock environmental protection: iec ip50(front) / 20(terminal) installation category: pollution degree: 2 operating altitude: 2000m max. operating environment influence effect of power supply fluctuation : (1) supply voltage 100 to 240v ac products (9digit of code symbol = e) voltage variation: 85 to 264v ac (frequeucy: 50/60hz) 100vac base change in indication (0.1%+1 digit) max. change in recording 0.2% of recording span, max. frequency variation: 47 to 63hz (power voltage: 100v ac) 50hz base change in indication (0.1%+1 digit) max. change in recording 0.2% of recording span, max. (2) supply voltage 24v dc products (9digit of code symbol = l) with 21.6 to 26.4v dc fluctuation, 24v dc base change in indication....(0.1% + 1 digit) max. change in recording....0.2% of recording span, max. input signal source resistance or wiring resistance influence: thermocouple10 v per 100 vo l t a g e i n p u t va r i a t i o n o f 0 . 1 % change of resistance change in indication (0.1%+1 digit) max. change in recording 0.2% of recording span, max. reistance bulbvariation of resis - tance with changes in 10 per wire change in indication (0.1%+1 digit) max. change in recording 0.2% of recording span, max. (3 wires should be balanced.) temperature influence: change in indication (0.3%+1 digit)/10c, max. change in recording 0.5%/10c, max. mounting position influence: inclination within 30 change in indication (0.1%+1 digit) max. change in recording 0.2% of recording span, max. vibration influence: linear vibration with 10 to 60hz of frequency and 0.2m/s 2 {0.02g} of acceleration is applied to each of 3 directions for 2 hours. change in indication (0.1%+1 digit) max. change in recording 0.2% of recording span, max. effect of external noise: normal mode noise (50,60hz0.1hz) 30db or more common mode noise (50,60hz0.1hz) 120db or more chart paper influence: standard temperature/humidity: 20c, 65%rh expansion at 85%rh0.4% max. contraction at 35%rh0.5% max. alarm setting method: setting from keyboard number of alarm levels: max. 4 levels for each channel alarm type: high(h), low(l), high-rate of change(rh), low-rate of change(rl) alarm action indication: kind of alarm and output relay no. are indicated for each channel at oc - currence of alarm. printing: channel no., kind of alarm, output re - lay no. and on/off time are printed on chart paper. output: see optional specifications. hysteresis: approx. 0.5% of recording span alarm timing: recognition; 1 second (worst case) action; additional 1 second (worst case) alarm latch: hold the alarm display and alarm out - put. others: shortage of ink and the end of chart paper alarm output is possible. transportation/storage condition (detach a recording head from the main unit before transportation) temperature limits: C10 to +60c humidity limits: 5 to 90%rh, non condensing is required vibration: 10 to 60hz, 2.45m/s 2 {0.25g} shock: 294m/s 2 {30g} or less optional specifications 1. chart illumination: led 5 3. transmission function: t-link interface for transmitting meas- ured value and receiving the condi - tion of setting. transmission method half-duplex bit serial transmission speed 500kbps transmission distance max. 500m i/o frame 8w or 16w message frame available to set/change param - eters etc. periodic data time, date, chart speed, measured value and unit can be printed at fixed intervals. printing can be enabled/disabled from keyboard. message maximum 10 messages, 16- character user- entered messages can be printed. alarm printing time, channel no., kind of alarm, and output re - lay no. can be printed when alarm is on or off. unit indication engineering units such as c, f, %, mv, ma, pa,l, etc., are indicated (setting from key board). scaling function scaling with dc voltage input is possible. (setting of decimal point is also possible within the range of C32767 to +32767). subtract function difference between any channels is recorded (channel is set from keyboard). logarithm measured value can be displayed and printed by 10 n power auto-range recording range is automatically changed for re - cording in the event of overrange or underrange (setting with keyboard). this function is not available for combination of zone recording and enlarged/reduced recording. zone recording recording area is divided into a maximum of 4 zones for recording. this function is not available for combination of automatic range selection and enlarged/reduced recording. enlarged/reduced a part of recording area of each channel is ex - panded or contracted for recording. this function is not available for combination of automatic range selection and zone recording. square-root ex- square-root extraction of dc voltage input is pos - sible. daily report measured value of every hour for maximum one day (24 data) in each channel is stored for print - ing. maximum, minimum and average values are also printed at the same time. on-off operation, on-off of each channel and operation start time/stop time can be set from keyboard. totalize function integrated value of every hour for maximum one day (24 data) in each channel is stored for print - ing (integration in 1 sec steps). possible to print total value only. total value is also printed at the same time. on-off operation, on-off of each channel and operation start time/stop time can be set from keyboard. shift the zero point and inclination of the mea - sured value so that the measured value can be adjusted according to other instruments. memory backup set data and clock function are protected by built-in lithium battery (expected battery life, about 10 years under normal temperature). input filter response is delayed according to sudden chang - es in input of each channel (1st order lag filter). time constant setting range: 0 to 900 sec (setting from keyboard). burnout function when thermocouple or resistance bulb input is disconnected, it is deflected 100%. also, it is indicated and printed at the same time. passcode 4 digits passcode security is available. language english, german, or french is selectable for dis - play and printing. alarm latch the alarm display and alarm output are held even after the cause of alarming was gone. on-off operation can be set from keyboard. cancella - tion of the held alarm can be made from external control (di). parameter set parameters on any channel can be copied to any other channels. function traction function recording recording printing function printing function measured value shift copy function f unction description range setting recording range can be set for each channel. input setting any input can be set for each channel. skip function used to skip recording, indication and alarm at any measuring point. parameter date, time, recording range, scaling, unit, kind of list input, alarm set value, chart speed, and tag no. can be printed. test pattern all characters and color patterns can be printed. measured value list date, time, and measured value unit can be printed. list printing function functions 2. alarm output/3-point external control: this unit can be mounted from the rear side of the recorder. (1) alarm output (do): 6 or 12 points of relay contact n.o. (1a) output for individual channel opera - tion or common operation maximum contact voltage 240v ac, 30v dc maximum contact current 3a (resistive load) (2) external control (di): the following control is possible with external contact signal. ? recording start/stop; recording start/stop is effected by contact signal. recording is started when contact is closed and stopped when contact is open. ? chart speed change; selection between normal and re - mote chart speeds is effected by contact signal. remote chart speed is selected when contact is closed and normal when contact is open. ? measured value printing; measured value list printing (date, time, channel no., measured value, unit) is effected by contact signal. printing is started when contact is closed. ? message printing note: for external control, use a dry con - tact. contact capacity: 12v dc, 0.05a, n.o. (1a) contact 6 pha the product conforms to the requirements of the electromagnetic compatibility directive 89/336/eec as detailed within the technical construction file number tn510405. the applicable standards used to demonstrate compliance are:- en 55011 : 1991 class a conducted and radiated emissions en 50082-1 :-1992 radiated immunity, esd and fbt pha recording points 6 continuous recording 6 intermittent recording 12 intermittent recording 12 continuous recording power supply 100 to 240v ac 50/60hz 24v dc chart paper illumination without with alarm output/external control without 6-point alarm output/3-point external control 12-point alarm output/3-point external control transmission function without with t-link description 1 2 3 4 5 6 7 8 - 9 10 11 12 13 p h a 4 0 0 - v 6 7 8 9 6 6 8 8 a b e l 0 1 2 y t emarks nput signal etting prior to delier is as ollos thermocouple 0 to 1200 c ote contact ui electric or additional eatures not listed such as lo integration record and calculation o input signals cpe delvey cde ybl ecorder panel mounting racket accessories ink car - tridge 1 use 1 chart paper 1 ink asorption cloth 1 nstruction manual 1 ote nk cartridge is not mounted on the recorder at the time o de - lier spare parts item part no. nit of quantity for sale ink cartridge phh1002 1 pc chart paper (0 to 100, 100 uniform division) pex00bl1-1000b 1 box (6 charts) item type specification shunt resistor pht101 for 10 0.1 alarm output/ external control unit ph601 with 6-point alarm output/3-point external control ph201 with 12-point alarm output/3-point external control other (optional items) 7 input terminal 2 input terminal 1 alarm/external control unit (option) (alarm 1 to 6, di 1 to 3) alarm unit (option) (alarm 7 to 12) transmission terminal (option) di 1 record start or message print 1 di 2 chart speed change or message print 2 di 3 measured value printing or alarm latch cancel or message print 3 connection diagrams outline diagrams (unit:mm) alarm unit(option) (alarm 7 to 12) transmission terminal (option) input terminal 2 (input 7 to 12) input terminal 1 (input 1 to 6) power terminal mounting bracket alarm/external control unit(option) (alarm 1 to 6, di 1 to 3) panel 280 312 288 288 280 160 39 18 199 281 +2 0 320 min. 281 +2 0 360 min. 2 t 30 t 41 31 11 12 13 21 22 23 31 32 33 41 42 43 51 52 53 61 62 63 42 32 43 33 44 34 45 35 46 36 24 14 23 13 22 12 21 11 25 15 26 16 27 17 28 18 29 19 71 + C + C 72 73 81 82 83 91 92 93 101 102 103 111 112 113 121 122 123 trx1 + ac ac g trx2 shld C + C + C thermocouple terminal no. input 7 input 8 input 9 input 10 input 11 input 12 input 1 input 2 input 3 alarm 7 alarm 11 alarm 12 alarm 8 alarm 9 alarm 10 alarm 1 di 1 di 2 di 3 alarm 5 alarm 6 alarm 2 power source 100 to 240v ac 50/60hz + - g power source 24v dc alarm 3 alarm 4 input 4 input 5 input 6 resistance buld voltage terminal no. power terminal panel cutout pha printed in japan caution on safety *before using this product, be sure to read its instruction manual in advance. international sales div sales group gate city ohsaki, east t ower , 1 1-2, osaki 1-chome, shinagawa-ku, t okyo 141-0032, japan http://www .fujielectric.com phone: 81-3-5435-7280, 7281 fax: 81-3-5435-7425 http://www .fujielectric.com/products/instruments/ information in this catalog is subject to change without notice. |
Price & Availability of EDSX10-60M |